Part Number Hot Search : 
TLUR4401 MIW1144 CAT24C00 61600 P6KE150G DTSPU50 74HCT40 EN25F10A
Product Description
Full Text Search
 

To Download FR801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50 100 200 400 600 v current: 8 .0 a voltage range: 50 - 600v FR801 - fr805 low reverse recovery time low leakage low forward voltage drop high current capability high surge capability plastic material - ul flammability rating 94v-0 high reliability case: to-220, molded plastic terminals: plated axial leads, solderable per mil-std-202, method 208 polarity: see diagram at right approx. weight: 2.24 grams mounting position: any l m a n p d e k c b j g r pin1+ pin 1 pin 2 pin2- case + case - - + case positive case negative suffix r maximum recurrent peak reverse voltage v rrm maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v maximum average forward rectified current 0.375" (9.5mm) lead length @ t c = 100c i (av) 8.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a maximum instantaneous forward voltage @ 8.0a dc v f 1.3 v maximum dc reverse current at rated dc blocking voltage @ t a = 25c i r 10 a maximum full load reverse current full cycle @ t c = 100c i r 150 a maximum reverse recovery time (note 1) t rr 150 250 ns typical junction capacitance (note 2) c j 70 pf operating and storage temperature range t j ,t stg -65 to +175 c notes: 1. reverse recovery test conditions: i f =0.5 a, i r =1.0 a, i rr =0.25 a 2. measured at 1.0mhz and applied reverse voltage of 4.0v. to-220 dim min max a 14.22 15.88 b 9.65 10.67 c 2.54 3.43 d 5.84 6.86 e ? 6.25 g 12.70 14.73 h 2.29 2.79 j 0.51 1.14 k 3.53? 4.09? l 3.56 4.83 m 1.14 1.40 n 0.30 0.64 p 2.03 2.92 r 4.83 5.33 all dimensions in mm mechanical data features maximum ratings and electrical characteristics t a = 25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. fast recovery rectifier diodes ! ! ! ! ! ! ! ! ! ! ! 1 of 2 www.sunmate.tw characteristic symbol FR801 fr802 fr803 fr804 fr805 unit
0 25 50 75 100 125 150 175 110100 i , peak for ward surge current (amperes ) fsm number of cycles at 60 hz fi g . 2, maximum non-repetitive sur g e current 8.3ms single half sine-wave jedec method 0.1 1.0 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i , instantaneous for ward current (amperes ) f v , instantaneous forward voltage (volts) fi g .3, t y pical instantaneous forward characteristics f 10 100 200 1 10 100 c , capacitance (pf) j v , reverse voltage (volts) fi g .4, t y pical junction capacitance r 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 ir, inst antaneous reverse current (a) percent of rated peak reverse voltage fi g .5, t y pical reverse characteristics 0 2 4 6 8 0 25 50 75 100 125 150 175 i , average for ward current (amperes) (av) t , case temperature (c) fi g . 1, forward current deratin g curve c 2 of 2 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of FR801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X